Part Number Hot Search : 
0C155 DDA114TU TMEGA1 FBD48 97661 22142 PN2907A MAX5421
Product Description
Full Text Search
 

To Download 4151-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E le perT te s t p la T
c tr ic a l u s o n ix ns and estM e
T e s tin g s ta n d a rd M il-S td -2 0 2 th o d s .
D IM E N S IO N S IN IN C H E S - D O N O T S C A L E T H IS D R A W IN G D IM E N S IO N S IN M E T R IC - [ ] .1 9 5 .0 1 0 [4 .9 5 0 .2 5 ] O R IE N T A T IO N
M A R K E T IN G
S A L E S D R A W IN G
C IR C U IT
.0 6 0 R E F . [1 .5 2 R E F .]
#20 LEA COP SEE A W G . (.0 3 2 ) D [0 .8 1 ] PER NOTE 2
.3 1 2 [7 .9 2 ]
.1 5 6 [3 .9 6 ]
SEE NOTE 3
.2 2 4 R E F . [5 .6 9 ]
.7 8 0 [1 9 .8 1 ]
NOTE 1. TU TU CU NU 2. LE Ro 3. EY Ro 4. PA Ro
S: S O N IX S T A N D A R D S O N IX R o H S C O M STOM ER M UST SP MBER W HEN ORD A D F IN IS H : S T A N D H S P A R T # : S IL V E R E L E T F IN IS H : S T A H S P A R T # : S IL V E R R T M A R K IN G : S T A H S PAR T:G R EEN 8 5 C W o r k in g V o lta g e 100 VD C
PART N P L IA N T E C IF Y S E R IN G . ARD PA PLATE NDARD PLATE NDARD DOTON
U M B E R : 4 1 5 1 -0 0 1 . P A R T N U M B E R : 4 1 5 1 -0 0 1 L F . TAN D AR D O R R oH S PAR T RT #: D. PART D. PART BOD 6 0 /4 0 S O L D E R P L A T E D . # : 6 0 /4 0 S O L D E R P L A T E D . :NO Y. M A R K IN G .
.1 4 5 R E F . [3 .6 8 R E F .]
M IN . CAP. 2 2 ,0 0 0 pF 0 1
1 2 5 C W o r k in g V o lta g e 70 VD C 2
C u rre n t DW V @ I.R . @ 2 S E C . M IN . 1 0 0 (V D C .) ID C 10 A 3 250 VD C 10 G 9 M IN
M in im u m N o (d B ) a t 2 5 10 10 MHz MH 35
T itle
L o a d In s e r tio n L o s s C p e r M il-S td -2 2 0 0 1 10 z GHz GHz 70 70
70
RECORD
IS T IN G BEEN C .O .
--T O L E R A N C E S -U n le s s O th e r w is e S p e c ifie d D E C IM A L
EASE
ADDED NOTES. S .M . 0 5 -1 0 -0 5
.0 3 1 [0 .7 9 ]
D ra w n A p p ro v e d
M U L T IL A Y E R EYELET STYLE E M I F IL T E R
L .E . 0 1 -2 8 -0 4 B .M c . 0 1 -2 8 -0 4 S c a le 5X
2 0 0 4 0 2 0 2 -4 -0 1
2 0 0 5 0 4 2 8 -1 -0 2
D I M 'S R E V I S E D E .C . 5 -2 6 -9 2
X -2 0 1 5 R e v -0
O r ig in a l R e le a s e C .O . 6 6 1 1
R E V IS IO N
C .O . 6 6 6 7
.W A U LD IS E D 0128 NEW 0 2 -0 2
S EX HAVE PER -1 -0 1 REL -0 4
ANGLES
T U C S O N , A R IZ O N A
A
DW G SHO REV 2004 NOT L .E .
4 1 5 1 -0 0 1


▲Up To Search▲   

 
Price & Availability of 4151-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X